Part Number Hot Search : 
3055L OP755B SLA4041 ML1350PP CY2305S SP704CN MRM17109 MC14022B
Product Description
Full Text Search
 

To Download REL34012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
Minature PCB Relay REL
I I I I I
1 pole 5 A, 1 NO contact Low height 12.0 mm Especially suited for applications white goods, consumer electronics, etc. Plastic materials according to IEC60335-1 (domestic appliances) RoHS compliant (Directive 2002/95/EC) as per product date code 0352
Applications PLC's, timers, temperature control, I/O cards, white goods
F0275-A
Approvals
V REG.-Nr.of6127, Z on request E214025 Technical data approved types
Contact data
Contact configuration Contact set Type of interruption Rated current Rated voltage / max.switching voltage AC Limiting making capacity, max 4 s, duty factor 10% Contact material Mechanical endurance Rated frequency of operation with / without load Contact Type REL3. REL3. REL34 REL30 REL30 1 NO single contact micro disconnection 5A 240/400 VAC 15 A AgNi90/10, AgCdO >10x106 cycles 6/1200 min-1
ratings Load 5 A, 250 VAC, resistive, 85C, 50% df, 6 min-1, VDE EN61810-1 3 A, 400 VAC, resistive, 85C, 50% df, 20 min-1, VDE EN61810-1 5 A, 250 VAC, general purpose, 85C, UL508 1/4 hp, 240 VAC, general purpose, UL508 B300, UL508
Cycles 1x105 4x105 1x105 3x104
Coil data
Rated coil voltage range DC coil Coil power DC coil Operative range Coil insulation system according UL1446 5 ... 48 VDC 360 mW 2 F
Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 005 5 3.75 0.5 70+10% 357 006 6 4.5 0.6 100+10% 360 012 12 9 1.2 400+10% 360 024 24 18 2.4 1600+10% 360 036 36 27 3.6 3600+15% 360 048 48 36 4.8 6400+15% 360 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
1
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Minature PCB Relay REL (Continued)
Insulation
Dielectric strength coil-contact circuit open contact circuit Clearance / creepage coil-contact circuit Material group of insulation parts Insulation to IEC 60664-1 Type of insulation coil-contact circuit open contact circuit Rated insulation voltage Pollution degree Rated voltage system Overvoltage category 3000 Vrms 1000 Vrms W 4 / 4 mm IIIa basic functional 250 V 3 230/400 V III
PCB layout / terminal assignment
Bottom view on solder pins
Other data
RoHS - Directive 2002/95/EC compliant as per product date code 0352 Flammability class according to UL94 V-0 Ambient temperature range -40...+85C Operate- / release time 5/1 ms Bounce time NO / NC contact 1 ms Shock resistance (destruction) 100 g Category of protection RT II - flux proof Resistance to soldering heat flux-proof version 270C / 10 s Relay weight 5g Packaging unit 25 pcs
S0176-BL
S0176-BJ
Dimensions
S0373-A
Product key Type Contact configuration 3 1 NO contact Contact material 4 AgNi90/10 0 Coil Coil code: please refer to coil versions table
REL
3
AgCdO
Product key REL34006 REL34012 REL34024 REL34048 REL30006 REL30012 REL30024 REL30048
Version flux proof
Contacts 1 NO contact
Contact material AgNi90/10
AgCdO
Coil 6 VDC 12 VDC 24 VDC 48 VDC 6 VDC 12 VDC 24 VDC 48 VDC
Part number 3-1415535-5 3-1415535-6 3-1415535-7 3-1415535-8 0-1393218-2 4-1393217-6 4-1393217-7 0-1393218-3
2
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of REL34012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X